|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
d a t a sh eet product speci?cation 1999 oct 20 discrete semiconductors blf202 hf/vhf power mos transistor m3d175
1999 oct 20 2 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 features high power gain easy power control gold metallization good thermal stability withstands full load mismatch. applications communications transmitters in the hf/vhf range with a nominal supply voltage of 12.5 v. description silicon n-channel enhancement mode vertical d-mos transistor in an 8-lead sot409a smd package with a ceramic cap. pinning - sot409a pin description 1, 8 source 2, 3 gate 4, 5 source 6, 7 drain handbook, halfpage mbk150 top view 14 85 fig.1 simplified outline. quick reference data rf performance at t mb =25 c in a common source test circuit. mode of operation f (mhz) v ds (v) p l (w) g p (db) h d (%) cw, class-b 175 12.5 2 > 10 > 50 caution this product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. for further information, refer to philips specs.: snw-eq-608, snw-fq-302a, and snw-fq-302b. 1999 oct 20 3 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 limiting values in accordance with the absolute maximum system (iec 134). thermal characteristics symbol parameter conditions min. max. unit v ds drain-source voltage - 40 v v gs gate-source voltage - 20 v i d dc drain current - 1a p tot total power dissipation t mb 85 c - 5.7 w t stg storage temperature - 65 150 c t j junction temperature - 200 c symbol parameter conditions value unit r th j-mb thermal resistance from junction to mounting base t mb 85 c, p tot = 5.7 w 20.5 k/w handbook, halfpage mcd789 110 v ds (v) i d (a) 10 2 10 1 10 - 1 10 - 2 (1) (2) fig.2 dc soar. (1) current is this area may be limited by r ds(on) . (2) t mb =85 c. 1999 oct 20 4 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 characteristics t j =25 c unless otherwise speci?ed. symbol parameter conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 3 ma; v gs =0 40 -- v v gs(th) gate-source threshold voltage i d = 3 ma; v ds =10v 2 - 4.5 v i dss drain-source leakage current v gs = 0; v ds = 12.5 v -- 10 m a i gss gate-source leakage current v gs = 20 v; v ds =0 -- 1 m a i dsx on-state drain current v gs = 15 v; v ds =10v - 1.3 - a r dson drain-source on-state resistance i d = 0.3 a; v gs =15v - 3.5 4 w g fs forward transconductance i d = 0.3 a; v ds = 10 v 80 135 - ms c is input capacitance v gs = 0; v ds = 12.5 v; f = 1 mhz - 5.3 - pf c os output capacitance v gs = 0; v ds = 12.5 v; f = 1 mhz - 7.8 - pf c rs feedback capacitance v gs = 0; v ds = 12.5 v; f = 1 mhz - 1.8 - pf handbook, halfpage 15 - 5 5 10 0 mgp111 11010 2 10 3 t.c. (mv/k) i d (ma) fig.3 temperature coefficient of gate-source voltage as a function of drain current; typical values. v ds =10v. handbook, halfpage 0 1600 800 1200 400 0 420 mgp112 81216 i d (ma) v gs (v) fig.4 drain current as a function of gate-source voltage; typical values. v ds = 10 v; t j =25 c. 1999 oct 20 5 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 handbook, halfpage 0 40 80 160 5 0 4 120 3 2 1 mgp113 r dson ( w ) t j ( c) fig.5 drain-source on-state resistance as a function of junction temperature; typical values. v gs = 15 v; i d = 0.3 a. handbook, halfpage 048 16 30 10 0 20 mgp114 12 c (pf) v ds (v) c os c is fig.6 input and output capacitance as functions of drain-source voltage; typical values. v gs = 0; f = 1 mhz. handbook, halfpage 048 16 5 0 4 mgp115 12 3 2 1 c rs (pf) v ds (v) fig.7 feedback capacitance as a function of drain-source voltage; typical values. v gs = 0; f = 1 mhz. 1999 oct 20 6 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 application information for class-b operation t mb =25 c; r gs = 237 w ; unless otherwise speci?ed. rf performance in cw operation in a common source class-b test circuit. ruggedness in class-b operation the blf202 is capable of withstanding a load mismatch corresponding to vswr = 50:1 through all phases under the following conditions: v ds = 15.5 v; f = 175 mhz at rated load power. mode of operation f (mhz) v ds (v) i dq (ma) p l (w) g p (db) h d (%) cw, class-b 175 12.5 20 2 > 10; typ. 13 > 50; typ. 55 handbook, halfpage 1 20 12 16 8 0 4 100 60 80 40 0 20 1.5 3.5 mgp116 2 2.5 3 g p (db) p l (w) h d (%) h d g p fig.8 power gain and efficiency as a functions of load power; typical values. class-b operation; v ds = 12.5 v; i dq = 20ma; f = 175 mhz. handbook, halfpage 0 0.2 0.4 0.8 4 3 1 0 2 mgp117 0.6 p l (w) p in (w) fig.9 load power as a function of input power; typical values. class-b operation; v ds = 12.5 v; i dq = 20 ma; f = 175 mhz. 1999 oct 20 7 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 handbook, full pagewidth mgp118 c5 c7 50 w input c1 c3 c4 l1 l2 d.u.t. l3 l4 l5 r1 r2 r4 r3 c2 c9 c8 c10 + v d c11 l6 r6 r5 c6 50 w output fig.10 test circuit for class-b operation. f = 175 mhz. 1999 oct 20 8 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 list of components (class-b test circuit) notes 1. american technical ceramics (atc) capacitor, type 100b or other capacitor of the same quality. 2. the striplines are on a double copper-clad printed-circuit board, with ptfe fibre-glass dielectric ( e r = 2.2), thickness 1.6 mm. component description value dimensions catalogue no. c1, c11 ?lm dielectric trimmer 2 to 9 pf 2222 809 09005 c2, c9 ?lm dielectric trimmer 2 to 9 pf 2222 809 09002 c3, c5 multilayer ceramic chip capacitor; note 1 1 nf; 500 v c4, c6 multilayer ceramic chip capacitor 2 100 nf in parallel, 50 v 2222 852 47104 c7 sprague electrolytic tantalum capacitor 2.2 m f; 35 v c8 multilayer ceramic chip capacitor; note 1 5.1 pf; 500 v c10 multilayer ceramic chip capacitor; note 1 9.1 pf; 500 v l1 8 turns enamelled 0.8 mm copper wire 137 nh length 5.1 mm; int. dia. 4 mm; leads 2 5mm l2, l3 stripline; note 2 81 w 8mm 2mm l4 3 turns enamelled 1 mm copper wire 57 nh length 5 mm; int. dia. 6 mm; leads 2 5mm l5 9 turns enamelled 1 mm copper wire 355 nh length 11 mm; int. dia. 7 mm; leads 2 5mm l6 grade 3b ferroxcube rf choke 4312 020 36642 r1 0.4 w metal ?lm resistor 237 w 2322 151 72371 r2 0.4 w metal ?lm resistor 1 k w 2322 151 71002 r3 0.4 w metal ?lm resistor 1 m w 2322 151 71005 r4 10 turns cermet potentiometer 5 k w r5 0.4 w metal ?lm resistor 7.5 k w 2322 151 77502 r6 1 w metal ?lm resistor 10 w 2322 153 51009 1999 oct 20 9 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 handbook, halfpage 0 50 100 200 250 0 - 125 125 150 mgp119 z i ( w ) f (mhz) r i x i fig.11 input impedance as a function of frequency (series of components); typical values. class b-operation; v ds = 12.5 v; i dq =20ma; r gs = 237 w ; p l =2w. handbook, halfpage 0 50 100 200 50 0 40 mgp120 150 30 20 10 z l ( w ) f (mhz) x l r l fig.12 load impedance as a function of frequency (series components); typical values. class b-operation; v ds = 12.5 v; i dq = 20 ma; r gs = 237 w ; p l =2w. handbook, halfpage mba379 z i z l fig.13 definition of mos impedance. handbook, halfpage 0 50 100 200 20 10 0 5 15 mgp121 150 g p (db) f (mhz) fig.14 power gain as a function of frequency; typical values. class b-operation; v ds = 12.5 v; i dq = 20 ma; r gs = 237 w ; p l =2w. 1999 oct 20 10 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 mounting recommendations both the metallized groundplate and leads contribute to the heatflow. it is recommended that the transistor is mounted on a grounded metallized area of 0.8 mm maximum thickness on the printed-circuit board, equipped with at least 12 (0.5 mm diameter) through metallized holes filled with solder. a thermal resistance r th(mb-h) of 5 k/w can be achieved if heatsink compound is applied when the transistor is mounted on the printed-circuit board. handbook, full pagewidth mgk390 1.87 (2 ) 4.60 0.80 (2 ) 0.60 (4 ) 0.50 (12 ) 1.00 (8 ) 1.00 (9 ) 3.60 7.38 fig.15 footprint sot409a. dimensions in mm. 1999 oct 20 11 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 package outline references outline version european projection issue date iec jedec eiaj sot409a 0 2.5 5 mm scale a q 1 l ceramic surface mounted package; 8 leads sot409a unit c bd e e 2 hh 1 lq 1 a a w 1 w 2 mm 0.23 0.18 0.58 0.43 4.93 4.01 5.94 5.03 d 2 5.16 5.00 4.14 3.99 e 1.27 4.39 4.24 7.47 7.26 0.25 7 0 0.25 dimensions (millimetre dimensions are derived from the original inch dimensions) 1.02 0.51 0.10 0.00 a 2.36 2.06 inches 0.009 0.007 0.023 0.017 0.194 0.158 0.234 0.198 0.203 0.197 0.163 0.157 0.050 0.173 0.167 0.294 0.286 0.010 7 0 0.010 0.040 0.020 0.004 0.000 0.093 0.081 98-01-27 c h 14 85 e a e 2 b h 1 d d 2 e b w 2 w 1 b 1999 oct 20 12 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. short-form speci?cation the data in this speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation. 1999 oct 20 13 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 notes 1999 oct 20 14 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 notes 1999 oct 20 15 philips semiconductors product speci?cation hf/vhf power mos transistor blf202 notes ? philips electronics n.v. sca all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. internet: http://www.semiconductors.philips.com 1999 68 philips semiconductors C a worldwide company for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 3 figtree drive, homebush, nsw 2140, tel. +61 2 9704 8141, fax. +61 2 9704 8139 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 1 60 101 1248, fax. +43 1 60 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 20 0733, fax. +375 172 20 0773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 68 9211, fax. +359 2 68 9102 canada: philips semiconductors/components, tel. +1 800 234 7381, fax. +1 800 943 0087 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: sydhavnsgade 23, 1780 copenhagen v, tel. +45 33 29 3333, fax. +45 33 29 3905 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615 800, fax. +358 9 6158 0920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 4099 6161, fax. +33 1 4099 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 2353 60, fax. +49 40 2353 6300 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: pt philips development corporation, semiconductors division, gedung philips, jl. buncit raya kav.99-100, jakarta 12510, tel. +62 21 794 0040 ext. 2501, fax. +62 21 794 0080 ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, via casati, 23 - 20052 monza (mi), tel. +39 039 203 6838, fax +39 039 203 6800 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108-8507, tel. +81 3 3740 5130, fax. +81 3 3740 5057 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381, fax +9-5 800 943 0087 middle east: see italy netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 pakistan: see singapore philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland : al.jerozolimskie 195 b, 02-222 warsaw, tel. +48 22 5710 000, fax. +48 22 5710 001 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 319762, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 58088 newville 2114, tel. +27 11 471 5401, fax. +27 11 471 5398 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 93 301 6312, fax. +34 93 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 5985 2000, fax. +46 8 5985 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2741 fax. +41 1 488 3263 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2886, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: yukari dudullu, org. san. blg., 2.cad. nr. 28 81260 umraniye, istanbul, tel. +90 216 522 1500, fax. +90 216 522 1813 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 208 730 5000, fax. +44 208 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381, fax. +1 800 943 0087 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 62 5344, fax.+381 11 63 5777 printed in the netherlands 125002/01/pp 16 date of release: 1999 oct 20 document order number: 9397 750 06378 |
Price & Availability of BLF202-15 |